spec no: dsaa6764 rev no: v.5 date: mar/15/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: b.h.li 3.0x2.5mm surface mount led lam p features 3.0mmx2.5mm smt led, 1.4mm thickness. low power consumption. wide viewing angle. ideal for back light and indicator. various colors and lens types available. inner lens type package : 2000pcs / reel. package dimension s notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .2(0.008") unless otherwise noted. 3. specifications are subject to change without notice . kpbl - 3025srsgc - prv super bright red super bright green description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode.
spec no: dsaa6764 rev no: v.5 date: mar/15/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: b.h.li selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 ? 1/2 super bright red (gaalas) water clear 36 100 100 super bright green (gap) 7 20 kpbl - 3025srsgc - prv note: 1. 1/10 duty cycle, 0.1ms pulse width. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c symbol parameter device typ. max. units test conditions peak peak wavelength super bright red super bright green 660 565 nm i f =20ma d dominant wavelength super bright red super bright green 640 568 nm i f =20ma ? 1/2 spectral line half - width super bright red super bright green 20 30 nm i f =20ma c capacitance super bright red super bright green 45 15 pf v f =0v;f=1mhz v f forward voltage super bright red super bright green 1.85 2.2 2.5 2.5 v i f =20ma i r reverse current all 10 ua v r = 5v parameter super bright red super bright green units power dissipation 100 105 mw dc forward current 30 25 ma peak forward current [1] 155 140 ma reverse voltage v operating/storage temperature - 40c to +85c 5
spec no: dsaa6764 rev no: v.5 date: mar/15/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: b.h.li super bright red /super bright green kpbl - 3025srsgc - prv
spec no: dsaa6764 rev no: v.5 date: mar/15/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: b.h.li recommended soldering pattern (units : mm ) tape specifications (units : mm) kpbl - 3025srsgc - prv smt reflow soldering instruction s number of reflow process shall be 2 times or less and cooling process to normal temperature is required between first and second soldering process . if special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.
|